Part Number Hot Search : 
P3055 S6A0065B EUP3467 CS9248YG DN6849TE GRM21BR MUR3020W Z5240B
Product Description
Full Text Search
 

To Download MAX1071ETC-T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 19-3292; Rev 0; 5/04
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
General Description
The MAX1070/MAX1071 low-power, high-speed, serialoutput, 10-bit, analog-to-digital converters (ADCs) operate at up to 1.5Msps. These devices feature true-differential inputs, offering better noise immunity, distortion improvements, and a wider dynamic range over singleended inputs. A standard SPITM/QSPITM/MICROWIRETM interface provides the clock necessary for conversion. These devices easily interface with standard digital signal processor (DSP) synchronous serial interfaces. The MAX1070/MAX1071 operate from a single +2.7V to +3.6V supply voltage and require an external reference. The MAX1070 has a unipolar analog input, while the MAX1071 has a bipolar analog input. These devices feature a partial power-down mode and a full power-down mode for use between conversions, which lower the supply current to 1mA (typ) and 1A (max), respectively. Also featured is a separate power-supply input (VL), which allows direct interfacing to +1.8V to VDD digital logic. The fast conversion speed, low-power dissipation, excellent AC performance, and DC accuracy (0.5 LSB INL) make the MAX1070/MAX1071 ideal for industrial process control, motor control, and base-station applications. The MAX1070/MAX1071 come in a 12-pin TQFN package, and are available in the commercial (0C to +70C) and extended (-40C to +85C) temperature ranges. 1.5Msps Sampling Rate Only 18mW (typ) Power Dissipation Only 1A (max) Shutdown Current High-Speed, SPI-Compatible, 3-Wire Serial Interface 61dB S/(N + D) at 525kHz Input Frequency Internal True-Differential Track/Hold (T/H) External Reference No Pipeline Delays Small 12-Pin TQFN Package
Features
MAX1070/MAX1071
Ordering Information
PART MAX1070CTC-T MAX1070ETC-T MAX1071CTC-T MAX1071ETC-T TEMP RANGE 0C to +70C -40C to +85C 0C to +70C -40C to +85C PINPACKAGE 12 TQFN-12 12 TQFN-12 12 TQFN-12 12 TQFN-12 INPUT Unipolar Unipolar Bipolar Bipolar
Applications
Data Acquisition Bill Validation Motor Control Communications Portable Instruments
Pin Configuration
TOP VIEW
AIN+ 12 N.C. 11 SCLK 10
Typical Operating Circuit
+2.7V TO +3.6V 10F 0.01F VDD DIFFERENTIAL + INPUT VOLTAGE AIN+ AIN+1.8V TO VDD 0.01F VL DOUT 10F
AINREF RGND
1 2 3
9 8 7
CNVST DOUT VL
MAX1070 MAX1071
MAX1070 CNVST MAX1071
SCLK REF 4.7F 0.01F REF RGND GND
C/DSP
4 VDD
5 N.C.
6 GND
TQFN
SPI/QSPI are trademarks of Motorola, Inc. MICROWIRE is a trademark of National Semiconductor Corp. ________________________________________________________________ Maxim Integrated Products 1
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at 1-888-629-4642, or visit Maxim's website at www.maxim-ic.com.
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
ABSOLUTE MAXIMUM RATINGS
VDD to GND ..............................................................-0.3V to +6V VL to GND ................-0.3V to the lower of (VDD + 0.3V) and +6V Digital Inputs to GND .................-0.3V to the lower of (VDD + 0.3V) and +6V Digital Output to GND ....................-0.3V to the lower of (VL + 0.3V) and +6V Analog Inputs and REF to GND..........-0.3V to the lower of (VDD + 0.3V) and +6V RGND to GND .......................................................-0.3V to +0.3V Maximum Current into Any Pin............................................50mA Continuous Power Dissipation (TA = +70C) 12-Pin TQFN (derate 16.9mW/C above +70C) ......1349mW Operating Temperature Ranges MAX107_ CTC ...................................................0C to +70C MAX107_ ETC.................................................-40C to +85C Junction Temperature ......................................................+150C Storage Temperature Range .............................-60C to +150C Lead Temperature (soldering, 10s) .................................+300C
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +3.6V, VL = VDD, VREF = 2.048V, fSCLK = 24.0MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3V and TA = +25C.)
PARAMETER DC ACCURACY Resolution Relative Accuracy Differential Nonlinearity Offset Error Offset-Error Temperature Coefficient Gain Error Gain Temperature Coefficient DYNAMIC SPECIFICATIONS (fIN = 525kHz sine wave, VIN = VREF, unless otherwise noted.) Signal-to-Noise Plus Distortion Total Harmonic Distortion Spurious-Free Dynamic Range Intermodulation Distortion Full-Power Bandwidth Full-Linear Bandwidth CONVERSION RATE Minimum Conversion Time Maximum Throughput Rate Minimum Throughput Rate Track-and-Hold Acquisition Time Aperture Delay Aperture Jitter External Clock Frequency fSCLK (Note 6) (Note 7) tACQ (Note 4) (Note 5) tCONV (Note 3) 1.5 10 125 5 30 24.0 0.667 s Msps ksps ns ns ps MHz SINAD THD SFDR IMD fIN1 = 250kHz, fIN2 = 300kHz -3dB point S/(N + D) > 56dB, single ended Up to the 5th harmonic 60 61 -80 -80 -78 15 2 -74 -74 dB dB dB dB MHz MHz Offset nulled 2 1 2 INL DNL (Note 1) (Note 2) 10 0.5 0.5 2 Bits LSB LSB LSB ppm/C LSB ppm/C SYMBOL CONDITIONS MIN TYP MAX UNITS
2
_______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +3.6V, VL = VDD, VREF = 2.048V, fSCLK = 24.0MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3V and TA = +25C.)
PARAMETER ANALOG INPUTS (AIN+, AIN-) Differential Input Voltage Range Absolute Input Voltage Range DC Leakage Current Input Capacitance Input Current (Average) REFERENCE INPUT (REF) REF Input Voltage Range Input Capacitance DC Leakage Current Input Current (Average) DIGITAL INPUTS (SCLK, CNVST) Input-Voltage Low Input-Voltage High Input Leakage Current DIGITAL OUTPUT (DOUT) Output Load Capacitance Output-Voltage Low Output-Voltage High Output Leakage Current POWER REQUIREMENTS Analog Supply Voltage Digital Supply Voltage Analog Supply Current, Normal Mode Analog Supply Current, Partial Power-Down Mode Analog Supply Current, Full Power-Down Mode VDD VL Static, fSCLK = 24.0 IDD Static, no SCLK Operational, 1.5Msps IDD IDD fSCLK = 24.0MHz No SCLK fSCLK = 24.0MHz No SCLK Operational, full-scale input at 1.5Msps Static, fSCLK = 24.0MHz Digital Supply Current (Note 8) Partial/full power-down mode, fSCLK = 24.0MHz Static, no SCLK (all modes) Positive-Supply Rejection PSR Full-scale input, 3V +20%, -10% 2.7 1.8 5 4 6 1 1 1 0.3 0.3 0.15 0.1 0.1 0.2 1 1 0.5 0.3 1 3.0 A mV mA 3.6 VDD 7 5 8 mA A mA V V COUT VOL VOH IOL For stated timing performance ISINK = 5mA, VL 1.8V ISOURCE = 1mA, VL 1.8V Output high impedance VL - 0.5V 0.2 10 30 0.4 pF V V A VIL VIH IIL 0.7 x VL 0.05 10 0.3 x VL V V A Time averaged at maximum throughput rate 200 VREF 1.0 20 1 VDD + 50mV V pF A A Per input pin Time averaged at maximum throughput rate 16 50 VIN AIN+ - AIN-, MAX1070 AIN+ - AIN-, MAX1071 0 -VREF / 2 0 VREF +VREF / 2 VDD 1 V V A pF A SYMBOL CONDITIONS MIN TYP MAX UNITS
MAX1070/MAX1071
_______________________________________________________________________________________
3
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
TIMING CHARACTERISTICS
(VDD = +2.7V to +3.6V, VL = VDD, VREF = 2.048V, fSCLK = 24.0MHz, 50% duty cycle, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VDD = 3V and TA = +25C.)
PARAMETER SCLK Pulse-Width High SYMBOL tCH CONDITIONS VL = 2.7V to VDD VL = 1.8V to VDD, minimum recommended (Note 7) VL = 2.7V to VDD SCLK Pulse-Width Low tCL VL = 1.8V to VDD, minimum recommended (Note 7) CL = 30pF, VL = 2.7V to VDD CL = 30pF, VL = 1.8V to VDD VL = 1.8V to VDD VL = 1.8V to VDD VL = 1.8V to VDD 4 10 20 2 16 18.7 22.5 17 24 ns MIN 18.7 22.5 ns TYP MAX UNITS
SCLK Rise to DOUT Transition DOUT Remains Valid After SCLK CNVST Fall to SCLK Fall CNVST Pulse Width Power-Up Time; Full Power-Down Restart Time; Partial Power-Down
tDOUT tDHOLD tSETUP tCSW tPWR-UP tRCV
ns ns ns ns ms Cycles
Note 1: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the gain error and the offset error have been nulled. Note 2: No missing codes over temperature. Note 3: Conversion time is defined as the number of clock cycles (16) multiplied by the clock period. Note 4: At sample rates below 10ksps, the input full-linear bandwidth is reduced to 5kHz. Note 5: The listed value of three SCLK cycles is given for full-speed continuous conversions. Acquisition time begins on the 14th rising edge of SCLK and terminates on the next falling edge of CNST. The IC idles in acquisition mode between conversions. Note 6: Undersampling at the maximum signal bandwidth requires the minimum jitter spec for SINAD performance. Note 7: 1.5Msps operation guaranteed for VL > 2.7V. See the Typical Operating Characteristics section for recommended sampling speeds for VL < 2.7V. Note 8: Digital supply current is measured with the VIH level equal to VL, and the VIL level equal to GND.
VL
CNVST tCSW tSETUP SCLK tCL tCH
DOUT DOUT
6k
DOUT
tDHOLD tDOUT
6k GND a) HIGH-Z TO VOH, VOL TO VOH, AND VOH TO HIGH-Z
CL
CL GND b) HIGH-Z TO VOL, VOH TO VOL, AND VOL TO HIGH-Z
Figure 1. Detailed Serial-Interface Timing
Figure 2. Load Circuits for Enable/Disable Times
4
_______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Typical Operating Characteristics
(VDD = +3V, VL = VDD, VREF = 2.048V, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
MAXIMUM RECOMMENDED fSCLK vs. VL
MAX1070/71 toc01
MAX1070/MAX1071
INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE (MAX1070)
MAX1070/71 toc02
INTEGRAL NONLINEARITY vs. DIGITAL OUTPUT CODE (MAX1071)
MAX1070/71 toc03
25
0.2
0.2
23 fSCLK (MHz)
0.1 INL (LSB)
0.1 INL (LSB)
21
0
0
19
-0.1
-0.1
17 1.8 2.1 2.4 2.7 VL (V) 3.0 3.3 3.6
-0.2 0 256 512 768 1024 DIGITAL OUTPUT CODE
-0.2 -512 -256 0 256 512 DIGITAL OUTPUT CODE
DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE (MAX1070)
MAX1070/71 toc04
DIFFERENTIAL NONLINEARITY vs. DIGITAL OUTPUT CODE (MAX1071)
MAX1070/71 toc05
OFFSET ERROR vs. TEMPERATURE (MAX1070)
0.75 OFFSET ERROR (LSB) 0.50 0.25 0 -0.25 -0.50 -0.75
MAX1070/71 toc06
0.2
0.2
1.00
0.1 DNL (LSB)
0.1 DNL (LSB)
0
0
-0.1
-0.1
-0.2 0 256 512 768 1024 DIGITAL OUTPUT CODE
-0.2 -512 -256 0 256 512 DIGITAL OUTPUT CODE
-1.00 -40 -15 10 35 60 85 TEMPERATURE (C)
OFFSET ERROR vs. TEMPERATURE (MAX1071)
MAX1070/71 toc07
GAIN ERROR vs. TEMPERATURE (MAX1070)
MAX1070/71 toc08
GAIN ERROR vs. TEMPERATURE (MAX1071)
0.75 0.50 GAIN ERROR (LSB) 0.25 0 -0.25 -0.50 -0.75 -1.00
MAX1070/71 toc09
1.00 0.75 OFFSET ERROR (LSB) 0.50 0.25 0 -0.25 -0.50 -0.75 -1.00 -40 -15 10 35 60
1.00 0.75 0.50 GAIN ERROR (LSB) 0.25 0 -0.25 -0.50 -0.75 -1.00 -40 -15 10 35 60
1.00
85
85
-40
-15
10
35
60
85
TEMPERATURE (C)
TEMPERATURE (C)
TEMPERATURE (C)
_______________________________________________________________________________________
5
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
Typical Operating Characteristics (continued)
(VDD = +3V, VL = VDD, VREF = 2.048V, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
DYNAMIC PERFORMANCE vs. INPUT FREQUENCY (MAX1070)
MAX1070/71 toc10
DYNAMIC PERFORMANCE vs. INPUT FREQUENCY (MAX1071)
MAX1070/71 toc11
THD vs. INPUT FREQUENCY
MAX1070/71 toc12
61.5
61.5
-82 MAX1070
DYNAMIC PERFORMANCE (dB)
DYNAMIC PERFORMANCE (dB)
61.4
61.4
-84
61.3 SNR 61.2
61.3 SNR 61.2
THD (dB)
-86
-88 MAX1071
61.1 SINAD 61.0 100 200 300 400 500 ANALOG INPUT FREQUENCY (kHz)
61.1 SINAD 61.0 100 200 300 400 500 ANALOG INPUT FREQUENCY (kHz)
-90
-92 100 200 300 400 500 ANALOG INPUT FREQUENCY (kHz)
SFDR vs. INPUT FREQUENCY
MAX1070/71 toc13
FFT PLOT (MAX1070)
MAX1070/71 toc14
FFT PLOT (MAX1071)
fIN = 500kHz SINAD = 61.3dB SNR = 61.3dB THD = -90dB SFDR = 85.4dB
MAX1070/71 toc15
90
0 -20 -40 -60 -80 -100 -120 fIN = 500kHz SINAD = 61.2dB SNR = 61.2dB THD = -83.5dB SFDR = 83.8dB
0 -20 -40 -60 -80 -100 -120 -140
88 MAX1070 SFDR (dB) 86
84 MAX1071 82
80 100 200 300 400 500 ANALOG INPUT FREQUENCY (kHz)
AMPLITUDE (dB)
-140 0 125 250 375 500 625 750 ANALOG INPUT FREQUENCY (kHz)
AMPLITUDE (dB)
0
125
250
375
500
625
750
ANALOG INPUT FREQUENCY (kHz)
TOTAL HARMONIC DISTORTION vs. SOURCE IMPEDANCE
MAX1070/71 toc16
TWO-TONE IMD PLOT (MAX1070)
MAX1070/71 toc17
TWO-TONE IMD PLOT (MAX1071)
fIN1 = 250.102kHz fIN2 = 299.966kHz IMD = -83.4dB fIN2
MAX1070/71 toc18
-50
0 -20 -40 fIN1 -60 -80 -100 -120 -140 fIN2 fIN1 = 250.102kHz fIN2 = 299.966kHz IMD = -86.6dB
0 -20 -40 -60 -80 -100 -120 -140 fIN1
-60 fIN = 500kHz THD (dB) -70
-80 fIN = 100kHz -90
-100 10 100 SOURCE IMPEDANCE () 1000
AMPLITUDE (dB)
AMPLITUDE (dB)
0
125
250
375
500
625
750
0
125
250
375
500
625
750
ANALOG INPUT FREQUENCY (kHz)
ANALOG INPUT FREQUENCY (kHz)
6
_______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Typical Operating Characteristics (continued)
(VDD = +3V, VL = VDD, VREF = 2.048V, fSCLK = 24MHz, fSAMPLE = 1.5Msps, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25C.)
MAX1070/MAX1071
VDD/VL FULL POWER-DOWN SUPPLY CURRENT vs. TEMPERATURE
MAX1070/71 toc19
VL PARTIAL/FULL POWER-DOWN SUPPLY CURRENT vs. TEMPERATURE
MAX1070/71 toc20
VDD SUPPLY CURRENT vs. TEMPERATURE
MAX1070/71 toc21
1.0 VDD/VL SUPPLY CURRENT (A)
100
9
75 VL = 3V, fSCLK = 24MHz 50 VL = 1.8V, fSCLK = 24MHz 25
VDD SUPPLY CURRENT (mA)
VL SUPPLY CURRENT (A)
0.8
CONVERSION 6
0.6
VDD, fSCLK = 24MHz
0.4
3 PARTIAL POWER-DOWN
0.2
VL, NO SCLK
VDD, NO SCLK 0 0 -40 -15 10 35 60 85 -40 -15 10 35 60 85 TEMPERATURE (C) TEMPERATURE (C)
0 -40 -15 10 35 60 85 TEMPERATURE (C)
VDD SUPPLY CURRENT vs. CONVERSION RATE
MAX1070/71 toc22
VL SUPPLY CURRENT vs. TEMPERATURE
MAX1070/71 toc23
VL SUPPLY CURRENT vs. CONVERSION RATE
MAX1070/71 toc24
9
0.5
250
VDD SUPPLY CURRENT (mA)
VL SUPPLY CURRENT (mA)
6
CONVERSION, VL = 3V 0.3 CONVERSION, VL = 1.8V
VL SUPPLY CURRENT (A)
0.4
200
150
VL = 3V
0.2
100
3
0.1
50 VL = 1.8V
0 0 250 500 750 1000 1250 1500 fSAMPLE (kHz)
0 -40 -15 10 35 60 85 TEMPERATURE (C)
0 0 250 500 750 100 1250 1500 fSAMPLE (kHz)
_______________________________________________________________________________________
7
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
Pin Description
PIN 1 2 3 4 5, 11 6 7 8 9 10 12 -- NAME AINREF RGND VDD N.C. GND VL DOUT CNVST SCLK AIN+ EP Negative Analog Input External Reference Voltage Input. VREF sets the analog input range. Bypass REF with a 0.01F capacitor and a 4.7F capacitor to RGND. Reference Ground. Connect RGND to GND. Positive Analog Supply Voltage (+2.7V to 3.6V). Bypass VDD with a 0.01F capacitor and a 10F capacitor to GND. No Connection Ground. GND is internally connected to EP. Positive Logic Supply Voltage (1.8V to VDD). Bypass VL with a 0.01F capacitor and a 10F capacitor to GND. Serial Data Output. Data is clocked out on the rising edge of SCLK. Convert Start. Forcing CNVST high prepares the part for a conversion. Conversion begins on the falling edge of CNVST. The sampling instant is defined by the falling edge of CNVST. Serial Clock Input. Clocks data out of the serial interface. SCLK also sets the conversion speed. Positive Analog Input Exposed Paddle. EP is internally connected to GND. FUNCTION
Detailed Description
The MAX1070/MAX1071 use an input T/H and successive-approximation register (SAR) circuitry to convert an analog input signal to a digital 10-bit output. The serial interface requires only three digital lines (SCLK, CNVST, and DOUT) and provides easy interfacing to microprocessors (Ps) and DSPs. Figure 3 shows the simplified internal structure for the MAX1070/MAX1071.
time needed for the signal to be acquired. It is calculated by the following equation: tACQ 8 x (RS + RIN) x 16pF where RIN = 200, and RS is the source impedance of the input signal. Note: tACQ is never less than 125ns, and any source impedance below 12 does not significantly affect the ADC's AC performance.
True-Differential Analog Input T/H
The equivalent circuit of Figure 4 shows the input architecture of the MAX1070/MAX1071, which is composed of a T/H, a comparator, and a switched-capacitor digital-toanalog converter (DAC). The T/H enters its tracking mode on the 14th SCLK rising edge of the previous conversion. Upon power-up, the T/H enters its tracking mode immediately. The positive input capacitor is connected to AIN+. The negative input capacitor is connected to AIN-. The T/H enters its hold mode on the falling edge of CNVST and the difference between the sampled positive and negative input voltages is converted. The time required for the T/H to acquire an input signal is determined by how quickly its input capacitance is charged. If the input signal's source impedance is high, the acquisition time lengthens. The acquisition time, tACQ, is the minimum
Input Bandwidth
The ADC's input-tracking circuitry has a 15MHz smallsignal bandwidth, making it possible to digitize highspeed transient events and measure periodic signals with bandwidths exceeding the ADC's sampling rate by using undersampling techniques. To avoid high-frequency signals being aliased into the frequency band of interest, anti-alias filtering is recommended.
Analog Input Protection
Internal protection diodes that clamp the analog input to VDD and GND allow the analog input pins to swing from GND - 0.3V to VDD + 0.3V without damage. Both inputs must not exceed VDD or be lower than GND for accurate conversions.
8
_______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
VDD VL CIN+ REF AIN+ T/H AIN10-BIT SAR ADC OUTPUT BUFFER DOUT VAZ COMP CONTROL LOGIC AIN+ RIN+ CAPACITIVE DAC
CONTROL LOGIC AND TIMING
CNVST SCLK
AINCINRINACQUISITION MODE
MAX1070 MAX1071
CIN+ RGND GND AIN+ RIN+
CAPACITIVE DAC
Figure 3. Functional Diagram
Serial Interface
Initialization After Power-Up and Starting a Conversion
Upon initial power-up, the MAX1070/MAX1071 require a complete conversion cycle to initialize the internal calibration. Following this initial conversion, the part is ready for normal operation. This initialization is only required after a hardware power-up sequence and is not required after exiting partial or full power-down mode. To start a conversion, pull CNVST low. At CNVST's falling edge, the T/H enters its hold mode and a conversion is initiated. SCLK runs the conversion and the data can then be shifted out serially on DOUT.
AINCINRIN-
VAZ
COMP
CONTROL LOGIC
HOLD CONVERSION MODE
Figure 4. Equivalent Input Circuit
Timing and Control
Conversion-start and data-read operations are controlled by the CNVST and SCLK digital inputs. Figures 1 and 5 show timing diagrams, which outline the serialinterface operation. A CNVST falling edge initiates a conversion sequence: the T/H stage holds the input voltage, the ADC begins to convert, and DOUT changes from high impedance to logic low. SCLK is used to drive the conversion process, and it shifts data out as each bit of the conversion is determined. SCLK begins shifting out the data after the 4th rising edge of SCLK. DOUT transitions t DOUT after each SCLK's rising edge and remains valid 4ns (tDHOLD) after the next rising edge. The 4th rising clock edge produces the MSB of the conversion at DOUT, and the MSB remains valid 4ns after the 5th rising edge. Since there are 10 data bits, 2 sub-bits (S1 and S0), and 3
leading zeros, at least 16 rising clock edges are needed to shift out these bits. For continuous operation, pull CNVST high between the 14th and the 16th SCLK rising edges. If CNVST stays low after the falling edge of the 16th SCLK cycle, the DOUT line goes to a highimpedance state on either CNVST's rising edge or the next SCLK's rising edge.
Partial Power-Down and Full Power-Down Modes
Power consumption can be reduced significantly by placing the MAX1070/MAX1071 in either partial powerdown mode or full power-down mode. Partial powerdown mode is ideal for infrequent data sampling and fast wake-up time applications. Pull CNVST high after the 3rd SCLK rising edge and before the 14th SCLK rising edge to enter and stay in partial power-down mode (see Figure 6). This reduces the supply current to 1mA. Drive CNVST low and allow at least 14 SCLK cycles to elapse before driving CNVST high to exit partial power-down mode. Full power-down mode is ideal for infrequent data sampling and very low supply-current applications. The MAX1070/MAX1071 have to be in partial power-down mode in order to enter full power-down mode. Perform the SCLK/CNVST sequence described above to enter partial
9
_______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
CNVST tSETUP POWER-MODE SELECTION WINDOW tACQUIRE CONTINUOUS-CONVERSION 16 SELECTION WINDOW
SCLK
1
2
3
4
8
14
HIGH IMPEDANCE DOUT
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
Figure 5. Interface-Timing Sequence
CNVST ONE 8-BIT TRANSFER SCLK 1ST SCLK RISING EDGE DOUT MODE 0 0 0 D9 D8 D7 D6 D5
CNVST MUST GO HIGH AFTER THE 3RD BUT BEFORE THE 14TH SCLK RISING EDGE
DOUT GOES HIGH IMPEDANCE ONCE CNVST GOES HIGH
NORMAL
PPD
Figure 6. SPI Interface--Partial Power-Down Mode
CNVST FIRST 8-BIT TRANSFER SCLK 1ST SCLK RISING EDGE DOUT 0 0 0 D9 D8 D7 1ST SCLK RISING EDGE D6 D5 PPD 0
EXECUTE PARTIAL POWER-DOWN TWICE SECOND 8-BIT TRANSFER
DOUT ENTERS TRI-STATE ONCE CNVST GOES HIGH
0
0
0
0
0
0
0 FPD
MODE
NORMAL
RECOVERY
Figure 7. SPI Interface--Full Power-Down Mode
power-down mode. Then repeat the same sequence to enter full power-down mode (see Figure 7). Drive CNVST low, and allow at least 14 SCLK cycles to elapse before driving CNVST high to exit full power-down mode. In partial/full power-down mode, maintain a logic low or a logic high on SCLK to minimize power consumption.
10
Transfer Function
Figure 8 shows the unipolar transfer function for the MAX1070. Figure 9 shows the bipolar transfer function for the MAX1071. The MAX1070 output is straight binary, while the MAX1071 output is two's complement.
______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Applications Information
External Reference
An external reference is required for the MAX1070/ MAX1071. Use a 4.7F and 0.01F bypass capacitor on the REF pin for best performance. The reference input structure allows a voltage range of +1V to VDD.
OUTPUT CODE FULL-SCALE TRANSITION
MAX1070/MAX1071
111...111 111...110 111...101
How to Start a Conversion
An analog-to-digital conversion is initiated by CNVST and clocked by SCLK, and the resulting data is clocked out on DOUT by SCLK. With SCLK idling high or low, a falling edge on CNVST begins a conversion. This causes the analog input stage to transition from track to hold mode, and DOUT to transition from high impedance to being actively driven low. A total of 16 SCLK cycles are required to complete a normal conversion. If CNVST is low during the 16th falling SCLK edge, DOUT returns to high impedance on the next rising edge of CNVST or SCLK, enabling the serial interface to be shared by multiple devices. If CNVST returns high after the 14th, but before the 16th SCLK rising edge, DOUT remains active so continuous conversions can be sustained. The highest throughput is achieved when performing continuous conversions. Figure 10 illustrates a conversion using a typical serial interface.
FS = VREF ZS = 0 V 1 LSB = REF 1024 000...011 000...010 000...001 000...000 0 1 2 3 DIFFERENTIAL INPUT VOLTAGE (LSB) FS - 3/2 LSB FS
Figure 8. Unipolar Transfer Function (MAX1070 Only)
Connection to Standard Interfaces
The MAX1070/MAX1071 serial interface is fully compatible with SPI/QSPI and MICROWIRE (see Figure 11). If a serial interface is available, set the CPU's serial interface in master mode so the CPU generates the serial clock. Choose a clock frequency up to 28.8MHz.
OUTPUT CODE V FS = REF 2 ZS = 0 -VREF - FS = 2 V 1 LSB = REF 1024 FULL-SCALE TRANSITION
011...111 011...110
SPI and MICROWIRE
When using SPI or MICROWIRE, the MAX1070/MAX1071 are compatible with all four modes programmed with the CPHA and CPOL bits in the SPI or MICROWIRE control register. Conversion begins with a CNVST falling edge. DOUT goes low, indicating a conversion is in progress. Two consecutive 1-byte reads are required to get the full 10 bits from the ADC. DOUT transitions on SCLK rising edges. DOUT is guaranteed to be valid tDOUT later and remains valid until tDHOLD after the following SCLK rising edge. When using CPOL = 0 and CPHA = 0 or CPOL = 1 and CPHA = 1, the data is clocked into the P on the following rising edge. When using CPOL = 0 and CPHA = 1 or CPOL = 1 and CPHA = 0, the data is clocked into the P on the next falling edge. See Figure 11 for connections and Figures 12 and 13 for timing. See the Timing Characteristics section to determine the best mode to use.
000...010 000...001 000...000 111...111 111...110 111...101
100...001 100...000
-FS
0 DIFFERENTIAL INPUT VOLTAGE (LSB)
FS FS - 3/2 LSB
Figure 9. Bipolar Transfer Function (MAX1071 Only)
______________________________________________________________________________________
11
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
CNVST
SCLK
1
14
16
1
DOUT 0 0 0 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 S1 S0 0 0
Figure 10. Continuous Conversion with Burst/Continuous Clock
I/O SCK MISO
+3V TO +5V
CNVST SCLK DOUT
MAX1070 MAX1071
SS A) SPI
CS SCK MISO
+3V TO +5V
CNVST SCLK DOUT
MAX1070 MAX1071
SS B) QSPI
I/O SK SI
CNVST SCLK DOUT
MAX1070 MAX1071
C) MICROWIRE
Figure 11. Common Serial-Interface Connections to the MAX1070/MAX1071
12
______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
CNVST
1 SCLK HIGH-Z
8
9
16
DOUT
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
HIGH-Z
Figure 12. SPI/MICROWIRE Serial-Interface Timing--Single Conversion (CPOL = CPHA = 0), (CPOL = CPHA = 1)
CNVST
SCLK
1
14
16
1
DOUT
0
0
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
0
0
Figure 13. SPI/MICROWIRE Serial-Interface Timing--Continuous Conversion (CPOL = CPHA = 0), (CPOL = CPHA = 1)
CNVST
SCLK HIGH-Z
2
16
HIGH-Z D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 S1 S0
DOUT
Figure 14. QSPI Serial-Interface Timing--Single Conversion (CPOL = 1, CPHA = 1)
QSPI
Unlike SPI, which requires two 1-byte reads to acquire the 10 bits of data from the ADC, QSPI allows the minimum number of clock cycles necessary to clock in the data. The MAX1070/MAX1071 require 16 clock cycles from the P to clock out the 10 bits of data. Figure 14 shows a transfer using CPOL = 1 and CPHA = 1. The conversion result contains three zeros, followed by the 10 data bits, 2 sub-bits, and a trailing zero with the data in MSB-first format.
DSP Interface to the TMS320C54_
The MAX1070/MAX1071 can be directly connected to the TMS320C54_ family of DSPs from Texas Instruments, Inc. Set the DSP to generate its own clocks or use external clock signals. Use either the standard or buffered serial port. Figure 15 shows the simplest interface between the MAX1070/MAX1071 and the TMS320C54_, where the transmit serial clock (CLKX) drives the receive serial clock (CLKR) and SCLK, and the transmit frame sync (FSX) drives the receive frame sync (FSR) and CNVST.
______________________________________________________________________________________
13
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
VL VL DVDD CLKX TMS320C54_ CLKR FSX FSR DOUT DR CLOCK CONVERT DOUT DR DVDD
MAX1070 SCLK MAX1071
CNVST
MAX1070 MAX1071 SCLK
CNVST
TMS320C54_
CLKR FSR
Figure 15. Interfacing to the TMS320C54_ Internal Clocks
Figure 16. Interfacing to the TMS320C54_ External Clocks
For continuous conversion, set the serial port to transmit a clock, and pulse the frame sync signal for a clock period before data transmission. The serial-port configuration (SPC) register should be set up with internal frame sync (TXM = 1), CLKX driven by an on-chip clock source (MCM = 1), burst mode (FSM = 1), and 16-bit word length (FO = 0). This setup allows continuous conversions provided that the data-transmit register (DXR) and the data-receive register (DRR) are serviced before the next conversion. Alternatively, autobuffering can be enabled when using the buffered serial port to execute conversions and read the data without CPU intervention. Connect the VL pin to the TMS320C54_ supply voltage when the MAX1070/MAX1071 are operating with an analog supply voltage higher than the DSP supply voltage. The word length can be set to 8 bits with FO = 1 to implement the power-down modes. The CNVST pin must idle high to remain in either power-down state. Another method of connecting the MAX1070/MAX1071 to the TMS320C54_ is to generate the clock signals external to either device. This connection is shown in Figure 16 where serial clock (CLOCK) drives the CLKR and SCLK and the convert signal (CONVERT) drives the FSR and CNVST. The serial port must be set up to accept an external receive-clock and external receive-frame sync. The SPC register should be written as follows: TXM = 0, external frame sync MCM = 0, CLKX is taken from the CLKX pin FSM = 1, burst mode FO = 0, data transmitted/received as 16-bit words
14
This setup allows continuous conversion, provided that the DRR is serviced before the next conversion. Alternatively, autobuffering can be enabled when using the buffered serial port to read the data without CPU intervention. Connect the VL pin to the TMS320C54_ supply voltage when the MAX1070/MAX1071 are operating with an analog supply voltage higher than the DSP supply voltage. The MAX1070/MAX1071 can also be connected to the TMS320C54_ by using the data transmit (DX) pin to drive CNVST and the CLKX generated internally to drive SCLK. A pullup resistor is required on the CNVST signal to keep it high when DX goes high impedance and 0001hex should be written to the DXR continuously for continuous conversions. The power-down modes may be entered by writing 00FFhex to the DXR (see Figures 17 and 18).
DSP Interface to the ADSP21_ _ _
The MAX1070/MAX1071 can be directly connected to the ADSP21_ _ _ family of DSPs from Analog Devices, Inc. Figure 19 shows the direct connection of the MAX1070/MAX1071 to the ADSP21_ _ _. There are two modes of operation that can be programmed to interface with the MAX1070/MAX1071. For continuous conversions, idle CNVST low and pulse it high for one clock cycle during the LSB of the previous transmitted word. The ADSP21_ _ _ STCTL and SRCTL registers should be configured for early framing (LAFR = 0) and for an active-high frame (LTFS = 0, LRFS = 0) signal. In this mode, the data-independent frame-sync bit (DITFS = 1) can be selected to eliminate the need for writing to the transmit-data register more than once. For single conversions, idle CNVST high and pulse it low for the entire conversion. The ADSP21_ _ _ STCTL and SRCTL
______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
CNVST
SCLK
1
1
DOUT
S0
0
0
0
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
0
0
Figure 17. DSP Interface--Continuous Conversion
CNVST
SCLK
1
1
DOUT
0
0
0
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S1
S0
0
0
0
Figure 18. DSP Interface--Single-Conversion, Continuous/Burst Clock
registers should be configured for late framing (LAFR = 1) and for an active-low frame (LTFS = 1, LRFS = 1) signal. This is also the best way to enter the power-down modes by setting the word length to 8 bits (SLEN = 1001). Connect the VL pin to the ADSP21_ _ _ supply voltage when the MAX1070/MAX1071 are operating with a supply voltage higher than the DSP supply voltage (see Figures 17 and 18).
supply to the single-point analog ground with 0.01F and 10F bypass capacitors. Minimize capacitor lead lengths for best supply-noise rejection.
Definitions
Integral Nonlinearity
Integral nonlinearity (INL) is the deviation of the values on an actual transfer function from a straight line. This straight line can be either a best-straight-line fit or a line drawn between the end points of the transfer function, once offset and gain errors have been nullified. The static linearity parameters for the MAX1070/MAX1071 are measured using the end-points method.
Layout, Grounding, and Bypassing
For best performance, use PC boards. Wire-wrap boards are not recommended. Board layout should ensure that digital and analog signal lines are separated from each other. Do not run analog and digital (especially clock) lines parallel to one another, or digital lines underneath the ADC package. Figure 20 shows the recommended system ground connections. Establish a single-point analog ground (star ground point) at GND, separate from the logic ground. Connect all other analog grounds and DGND to this star ground point for further noise reduction. The ground return to the power supply for this ground should be low impedance and as short as possible for noise-free operation. High-frequency noise in the VDD power supply can affect the ADC's high-speed comparator. Bypass this
Differential Nonlinearity
Differential nonlinearity (DNL) is the difference between an actual step width and the ideal value of 1 LSB. A DNL error specification of 1 LSB or less guarantees no missing codes and a monotonic transfer function.
Aperture Jitter
Aperture jitter (tAJ) is the sample-to-sample variation in the time between the samples.
Aperture Delay
Aperture delay (tAD) is the time defined between the falling edge of CNVST and the instant when an actual sample is taken.
______________________________________________________________________________________
15
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
VL
VDDINT TCLK RCLK TFS RFS
SUPPLIES
MAX1070 SCLK MAX1071
CNVST
ADSP21_ _ _
VDD
GND
VL
10F 10F
DOUT
DR
0.1F
0.1F
Figure 19. Interfacing to the ADSP21_ _ _
VDD GND RGND VL DGND DIGITAL CIRCUITRY VL
Signal-to-Noise Ratio
For a waveform perfectly reconstructed from digital samples, signal-to-noise ratio (SNR) is the ratio of full-scale analog input (RMS value) to the RMS quantization error (residual error). The theoretical minimum analog-to-digital noise is caused by quantization error, and results directly from the ADC's resolution (N bits): SNR = (6.02 x N + 1.76)dB In reality, there are other noise sources besides quantization noise, including thermal noise, reference noise, clock jitter, etc. Therefore, SNR is computed by taking the ratio of the RMS signal to the RMS noise, which includes all spectral components minus the fundamental, the first five harmonics, and the DC offset.
MAX1070 MAX1071
Figure 20. Power-Supply Grounding Condition
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the RMS sum of the first five harmonics of the input signal to the fundamental itself. This is expressed as: THD = 20 x log
2 2 2 2 V2 + V3 + V4 + V5 V1
Signal-to-Noise Plus Distortion
Signal-to-noise plus distortion (SINAD) is the ratio of the fundamental input frequency's RMS amplitude to the RMS equivalent of all other ADC output signals: SINAD(dB) = 20 x log (SignalRMS / NoiseRMS)
where V1 is the fundamental amplitude, and V2 through V5 are the amplitudes of the 2nd- through 5th-order harmonics.
Effective Number of Bits
Effective number of bits (ENOB) indicates the global accuracy of an ADC at a specific input frequency and sampling rate. An ideal ADC's error consists of quantization noise only. With an input range equal to the full-scale range of the ADC, calculate the ENOB as follows: (SINAD - 1.76) ENOB = 6.02
Spurious-Free Dynamic Range
Spurious-free dynamic range (SFDR) is the ratio of the RMS amplitude of the fundamental (maximum signal component) to the RMS value of the next largest distortion component.
Full-Power Bandwidth
Full-power bandwidth is the frequency at which the input signal amplitude attenuates by 3dB for a full-scale input.
16
______________________________________________________________________________________
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs
Full-Linear Bandwidth
Full-linear bandwidth is the frequency at which the signal-to-noise plus distortion (SINAD) is equal to 56dB. The intermodulation products are as follows: * 2nd-order intermodulation products (IM2): f1 + f2, f2 - f1 * 3rd-order intermodulation products (IM3): 2f1 - f2, 2f2 - f1, 2f1 + f2, 2f2 + f1 * 4th-order intermodulation products (IM4): 3f1 - f2, 3f2 - f1, 3f1 + f2, 3f2 + f1 * 5th-order intermodulation products (IM5): 3f1 - 2f2, 3f2 - 2f1, 3f1 + 2f2, 3f2 + 2f1
MAX1070/MAX1071
Intermodulation Distortion
Any device with nonlinearities creates distortion products when two sine waves at two different frequencies (f1 and f2) are input into the device. Intermodulation distortion (IMD) is the total power of the IM2 to IM5 intermodulation products to the Nyquist frequency relative to the total input power of the two input tones, f1 and f2. The individual input tone levels are at -7dBFS.
Chip Information
TRANSISTOR COUNT: 13,016 PROCESS: BiCMOS
______________________________________________________________________________________
17
1.5Msps, Single-Supply, Low-Power, True-Differential, 10-Bit ADCs MAX1070/MAX1071
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information go to www.maxim-ic.com/packages.)
24L QFN THIN.EPS
PACKAGEOUTLINE 12,16,20,24LTHINQFN,4x4x0.8mm
21-0139
C
1
2
PACKAGEOUTLINE 12,16,20,24LTHINQFN,4x4x0.8mm
21-0139
C
2
2
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
18 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 (c) 2004 Maxim Integrated Products Printed USA is a registered trademark of Maxim Integrated Products.


▲Up To Search▲   

 
Price & Availability of MAX1071ETC-T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X